PART |
Description |
Maker |
SB002-15SPA SB002-15CPA |
150V/ 20mA Rectifier Shottky barrier diode, 150V/20mA rectifier 150V, 20mA Rectifier Small signal(single type)
|
Sanyo Electric Co.,Ltd. Sanyo Semiconductor SANYO[Sanyo Semicon Device]
|
SBR0560S1 SBR0560S1-7 SBR0560S1-15 |
Excellent High Temperature Stability Discrete - Rectifiers (0.5A and higher) - Schottky / SBR Rectifiers 0.5A SBR? SUPER BARRIER RECTIFIER 0.5A SBR SUPER BARRIER RECTIFIER
|
Diodes Incorporated
|
1N2128ASERIES 1N3768 1N1183 1N1183A 1N1184 1N1184A |
35,40,and 60 Amp Power Silicon Rectifier Diodes 35,43 AND POWER SILICON RECTIFIER DIODES 150V 40A Std. Recovery Diode in a DO-203AB (DO-5)package 400V 35A Std. Recovery Diode in a DO-203AB (DO-5)package 400V 60A Std. Recovery Diode in a DO-203AB (DO-5)package 200V 60A Std. Recovery Diode in a DO-203AB (DO-5)package 300V 40A Std. Recovery Diode in a DO-203AB (DO-5)package 150V 60A Std. Recovery Diode in a DO-203AB (DO-5)package 300V 60A Std. Recovery Diode in a DO-203AB (DO-5)package 500V 40A Std. Recovery Diode in a DO-203AB (DO-5)package 600V 35A Std. Recovery Diode in a DO-203AB (DO-5)package 100V 40A Std. Recovery Diode in a DO-203AB (DO-5)package 300V 35A Std. Recovery Diode in a DO-203AB (DO-5)package 500V 35A Std. Recovery Diode in a DO-203AB (DO-5)package 100V 60A Std. Recovery Diode in a DO-203AB (DO-5)package 500V 60A Std. Recovery Diode in a DO-203AB (DO-5)package
|
IRF[International Rectifier]
|
SBR1040CTB-13 |
RECTIFIER SBR DUAL 10A 40V 120A-ifsm 550mV-vf 0.5mA-ir D2PAK 50/TUBE 5 A, 40 V, SILICON, RECTIFIER DIODE, TO-263AB
|
Diodes Inc. Diodes, Inc.
|
APT2X60D30J APT2X61D30J |
DUAL DIE ISOTOP PACKAGE ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES 300V 60A
|
Advanced Power Technology
|
SBR30A45PT |
RECTIFIER SBR DUAL 30A 45V 250A-ifsm 500mV-vf 0.5mA-ir TO-247 50/TUBE 30 A, 45 V, SILICON, RECTIFIER DIODE, TO-247
|
Diodes, Inc.
|
SBR3U40P1 SBR3U40P1-7 SBR3U40P1Q |
Discrete - Rectifiers (0.5A and higher) - Schottky / SBR Rectifiers 3.0A SBR SUPER BARRIER RECTIFIER
|
Diodes
|
60CDQ SD241 40CDQ 40CDQ20 40CDQ30 40CDQ35 40CDQ40 |
40 AND 60 AMP DUAL SCHOTTKY CENTER TAP RECTIFIERS V(rwm): 20V; 40A dual schottky center tap rectifier V(rwm): 30V; 40A dual schottky center tap rectifier V(rwm): 30V; 60A dual schottky center tap rectifier V(rwm): 40V; 60A dual schottky center tap rectifier
|
IRF[International Rectifier]
|
3FF10 3FF05 3FF15 |
Rectifier Diode, Ultra Fast Recovery Rectifier, Single, 50V, G102, 2-Pin RECTIFIER, up to 150V, 3.1A, 30ns
|
Semtech Corporation
|
12CGQ150 |
35A 150V Hi-Rel Schottky Common Cathode Diode in a TO-254AA package SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 35A, 150V
|
IRF[International Rectifier]
|
50HQ020 50HQ030 |
V(rwm): 20V; 60A schottky power rectifier V(rwm): 30V; 60A schottky power rectifier
|
International Rectifier
|
PDS1240CTL PDS1240CTL-13 PDS1240CTL-7 |
12A DUAL LOW VF SCHOTTKY BARRIER RECTIFIER POWERDI Discrete - Rectifiers (0.5A and higher) - Schottky / SBR Rectifiers
|
Diodes Incorporated
|